Part Number Hot Search : 
TBP04G NTMFS493 AMP2009 CS422202 TSC302 CD4047 SB180 SR6B6K09
Product Description
Full Text Search
 

To Download IRLML6302GTRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    
        ? 
  
    
      !   "    # $ % &       '   (
) (  % 
 %  !    !!      !   *% +,  % -%
)     ! %  # $ 
    (  
    %    $ 
   ' .    
  (         ,&/0 -!     *% +, %   $1 
   '   -!) ((  + 0)  
      %       (       '   % 
 23'3 
 + 0 % 
 $   # $            (     *4+4. ' 
 
 
                  ! "#$%$&&'  ()*    +       +  ,   
     
             
             !"  # 
    $  %  &' ()*+      ,-+ !) . /  "0" 1"2+03"0"    

  4+"-)
&%2)  5/     
   

 2  67&&4+&8  999    
 ' micro3 tm     www.irf.com 1  downloaded from: http:///

www.irf.com 2  


      
 -+ :1"$ !)  999 999         ; ?    ?   :1"$ !)
&% <<+ 999 # 999 &   2< +    /& 999 999         /  999 999 #       /   
 ,
==!"!)  999 /           ; )  *$"
+"++   999 999 -    /   / 999 999 /    /    999 999     /   
  /  ,-+ *$" (1) 999 999 /    / , -+20(1) 999 999 /    / > 
!,=) 999      / >  ,-+ =) 999        / >  ,?@6!!@a=) 999 / /     -*)"#   

b!3
& 999 / 999    /   2
& 999 / 999    /  

b<<!3
& 999  999 2    ?   *!!
& 999  999 2   / ?, -*)/    %%++ 999 # 999       b%%++ 999  999 %*    /    20
< %++ 999  999 c /6de-*) ? ;      -+(1) 2 
 -+-+b2+     
  !"#   2%0)f%!$"= !&"83&7g+&%?-<)//a  i sd /"" ;  
 
 /    !$"= ;f"3+3+! h  -<+&"*28" + parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) showing the i sm pulsed source current integral reverse (body diode)  p-n junction diode. v sd diode forward voltage CCC CCC -1.2 v t j = 25c, i s = -0.61a, v gs = 0v  t rr reverse recovery time CCC 35 53 ns t j = 25c, i f = -0.61a q rr reverse recovery charge CCC 26 39 nc di/dt = -100a/s  $ %


"  s d g 999 999 # 999 999    downloaded from: http:///

www.irf.com 3  

          

         
 0.01 0.1 1 10 0.1 1 10 d ds 20s pulse width t = 25c a -i , drain-to-source current (a) -v , drain-to-source voltage (v) j -1.5v vgs top - 7.5v - 5.0v - 4.0v - 3.5v - 3.0v - 2.5v - 2.0v bottom - 1.5v 0.01 0.1 1 10 0.1 1 10 d ds 20s pulse width t = 150c a -i , drain-to-source current (a) -v , drain-to-source voltage (v) j vgs top - 7.5v - 5.0v - 4.0v - 3.5v - 3.0v - 2.5v - 2.0v bottom - 1.5v -1.5v 0.01 0.1 1 10 1.5 2.0 2.5 3.0 3.5 4.0 4.5 t = 25c t = 150c j j gs d a -i , drain-to-source current (a) -v , gate-to-source voltage (v) v = -10v 20s pulse width ds 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) a i = -0.61a v = -4.5v d gs downloaded from: http:///

www.irf.com 4 
     
    
      !"
  #   $   $  
  0 20 40 60 80 100 120 140 160 180 1 10 100 c, capacitance (pf) a ds -v , drain-to-source voltage (v) v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 2 4 6 8 10 0.0 1.0 2.0 3.0 4.0 g gs a -v , gate-to-source voltage (v) q , total gate charge (nc) i = -0.61a v = -16v for test circuit see figure 9 d ds 0.01 0.1 1 10 0.4 0.6 0.8 1.0 1.2 1.4 t = 25c t = 150c j j v = 0v gs sd sd a -i , reverse drain current (a) -v , source-to-drain voltage (v) 0.1 1 10 1 10 100 operation in this area limited by r ds(on) t = 25c t = 150c single pulse a -i , drain current (a) -v , drain-to-source voltage (v) ds d aj 100s 1ms 10ms downloaded from: http:///

www.irf.com 5 + -  !"
% &  '()
   #* v ds 90%10% v gs t d(on) t r t d(off) t f       
     +&    1   !"# 0.1 % 2      2  i
  ,$  +& q g q gs q gd v g charge  $    
 -. d.u.t. v ds i d i g -3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   0.1 1 10 100 1000 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) downloaded from: http:///

www.irf.com 6  
       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -    2    ? "0"+!!"832  ?   +!!"833*+@@ ? i
0+i"
 

+(3" ? ($-3"++  ? ," !  ? ($(1)"++ 
 <&  / 20 !3< =! jji =!0< =!6& /   j // - . 01 ///     <()+(0!"00+ - . ///  2 3%4% downloaded from: http:///

www.irf.com 7 micro3 / sot-23 package marking a yw lc part number y = year w = week lot code halogen free indicator part number code reference: a = irlml2402 b =irlml2803 c = irlml2402 d = irlml5103 e = irlml6402 f = irlml6401 g = irlml2502 h = irlml5203 note: a line above the work week (as shown here) indicates lead-free micro3 (sot-23 / to-236ab) part marking informationnote: for the most current drawing please refer to ir website at http://www.irf.com/package    
                       

               
 !"     #      
        $        !  " 0.972 1.900 recommended footprint 0.802 0.950 2.742   
!"
!#!$
 %&'(
     %         e e1 e d a b 0.15 [0.006] e1 1 2 3 m cba 5 6 6 5 3x l c b a1 3x a a2 abc m 0.20 [0.008] 0.10 [0.004] c c l2 h 4 l1 7 0.89 1.12 symbol max min a1 b 0.01 0.10 c 0.30 0.50 d 0.08 0.20 e 2.80 3.04 e1 2.10 2.64 e 1.20 1.40 a 0.95 bsc l 0.40 0.60 08 millimeters a2 0.88 1.02 e1 1.90 bsc ref 0.54 l1 bsc 0.25 l2  bsc  ref   
 inches 8 0 
     
 
       
0.0004 min max 
 dimensions notes: 1. dimensioning & tolerancing per ansi y14.5m-1994 2. dimensions are shown in millimeters [inches]. 3. controlling dimension: millimeter. 4. datum plane h is located at the mold parting line. 5. datum a and b to be determined at datum plane h. 6. dimensions d and e1 are measured at datum plane h. dimensions does not include mold protrusions or interlead flash. mold protrusions or interlead flash shall not exceed 0.25 mm [0.010 inch] per side. 7. dimension l is the lead length for soldering to a substrate. 8. outline conforms to jedec outline to-236 ab. downloaded from: http:///

www.irf.com 8 data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 07/2008  ? 

       %         2.05 ( .080 ) 1.95 ( .077 ) tr feed direction 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) max. notes: 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. note: for the most current drawing please refer to ir website at http://www.irf.com/package downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRLML6302GTRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X